Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LRT68F Fiches technique(PDF) 3 Page - ams AG

No de pièce LRT68F
Description  First SMT LED with integrated reflector.
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

LRT68F Fiches technique(HTML) 3 Page - ams AG

  LRT68F Datasheet HTML 1Page - ams AG LRT68F Datasheet HTML 2Page - ams AG LRT68F Datasheet HTML 3Page - ams AG LRT68F Datasheet HTML 4Page - ams AG LRT68F Datasheet HTML 5Page - ams AG LRT68F Datasheet HTML 6Page - ams AG LRT68F Datasheet HTML 7Page - ams AG LRT68F Datasheet HTML 8Page - ams AG LRT68F Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LR T68F
DATASHEET
DATASHEET
3 | Version 1.4 | 2023-04-17
Ordering Information
Type
Luminous Intensity 1)
Ordering Code
I
F = 20 mA
I
v
LR T68F-U2AB-1-3A4B
560 ... 1800 mcd
Q65113A6141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21