Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LOA67F Fiches technique(PDF) 13 Page - ams AG

No de pièce LOA67F
Description  SIDELED® Ambient Lighting
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

LOA67F Fiches technique(HTML) 13 Page - ams AG

Back Button LOA67F Datasheet HTML 9Page - ams AG LOA67F Datasheet HTML 10Page - ams AG LOA67F Datasheet HTML 11Page - ams AG LOA67F Datasheet HTML 12Page - ams AG LOA67F Datasheet HTML 13Page - ams AG LOA67F Datasheet HTML 14Page - ams AG LOA67F Datasheet HTML 15Page - ams AG LOA67F Datasheet HTML 16Page - ams AG LOA67F Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
LO A67F
DATASHEET
DATASHEET
13 | Version 1.9 | 2022-09-01
Recommended Solder Pad 8)
3.7 (0.146)
1.2 (0.047)
Cu-area > 16 mm
Cu-Fläche > 16 mm
Paddesign
for improved
heat dissipation
Wärmeableitung
für verbesserte
Padgeometrie
Lötstopplack
Solder resist
OHLPY965
2
2
For superior solder joint connectivity results we recommend soldering under standard nitrogen atmosphere. Package not
suitable for ultra sonic cleaning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23