| Moteur de recherche de fiches techniques de composants électroniques |
|
STMAV335 Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMAV335 Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 21 page ![]() STMAV335 1 Summary Description 3/21 1 Summary Description 1.1 Functional Description The STMAV335 is a high bandwidth analog video switch. Its low ON-resistance and low I/O capacitance result in a very small propagation delay. The combination of SEL1 and SEL2 is used to either disable or enable the desired video channel. Refer to the truth table for the selection of the appropriate channels. Figure 1. Functional Diagram |