Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SFH2713 Fiches technique(PDF) 13 Page - ams AG

No de pièce SFH2713
Description  Chip LED IR-Cut Silicon PIN Photodiode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

SFH2713 Fiches technique(HTML) 13 Page - ams AG

Back Button SFH2713 Datasheet HTML 8Page - ams AG SFH2713 Datasheet HTML 9Page - ams AG SFH2713 Datasheet HTML 10Page - ams AG SFH2713 Datasheet HTML 11Page - ams AG SFH2713 Datasheet HTML 12Page - ams AG SFH2713 Datasheet HTML 13Page - ams AG SFH2713 Datasheet HTML 14Page - ams AG SFH2713 Datasheet HTML 15Page - ams AG SFH2713 Datasheet HTML 16Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SFH 2713
13 Version 1.1 | 2021-10-01
Disclaimer
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may
contain dangerous substances.
For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version on the OSRAM OS website.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest
sales office. By agreement we will take packing material back, if it is sorted. You must bear the costs of
transport. For packing material that is returned to us unsorted or which we are not obliged to accept, we
shall have to invoice you for any costs incurred.
Product and functional safety devices/applications or medical devices/applications
OSRAM OS components are not developed, constructed or tested for the application as safety relevant
component or for the application in medical devices.
OSRAM OS products are not qualified at module and system level for such application.
In case buyer – or customer supplied by buyer – considers using OSRAM OS components in product safety
devices/applications or medical devices/applications, buyer and/or customer has to inform the local sales
partner of OSRAM OS immediately and OSRAM OS and buyer and /or customer will analyze and coordi-
nate the customer-specific request between OSRAM OS and buyer and/or customer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16