Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS3984Z Fiches technique(PDF) 2 Page - Dallas Semiconductor

No de pièce DS3984Z
Description  4-Channel Cold-Cathode Fluorescent Lamp Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DALLAS [Dallas Semiconductor]
Site Internet  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3984Z Fiches technique(HTML) 2 Page - Dallas Semiconductor

  DS3984Z Datasheet HTML 1Page - Dallas Semiconductor DS3984Z Datasheet HTML 2Page - Dallas Semiconductor DS3984Z Datasheet HTML 3Page - Dallas Semiconductor DS3984Z Datasheet HTML 4Page - Dallas Semiconductor DS3984Z Datasheet HTML 5Page - Dallas Semiconductor DS3984Z Datasheet HTML 6Page - Dallas Semiconductor DS3984Z Datasheet HTML 7Page - Dallas Semiconductor DS3984Z Datasheet HTML 8Page - Dallas Semiconductor DS3984Z Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
4-Channel Cold-Cathode
Fluorescent Lamp Controller
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
(TA = -40°C to +85°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage on VCC, SDA, and SCL
Relative to Ground.............................................-0.5V to +6.0V
Voltage on Leads Other than VCC,
SDA, and SCL…………………………..-0.5V to (VCC + 0.5V),
not to exceed +6.0V
Operating Temperature Range ...........................-40°C to +85°C
EEPROM Programming Temperature Range .........0°C to +70°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature...................See J-STD-020 Specification
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
4.5
5.5
V
Input Logic 1
VIH
0.7 x
VCC
VCC +
0.3
V
Input Logic 0
VIL
-0.3
0.3 x
VCC
V
SVM Voltage Range
VSVM
-0.3
VCC +
0.3
V
BRIGHT Voltage Range
VBRIGHT
-0.3
VCC +
0.3
V
LCM Voltage Range
VLCM
(Note 2)
-0.3
VCC +
0.3
V
OVD Voltage Range
VOVD
(Note 2)
-0.3
VCC +
0.3
V
Gate-Driver Output Charge
Loading
QG
20
nC
ELECTRICAL CHARACTERISTICS
(VCC = +4.5V to +5.5V, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
ICC
GA, GB loaded with 600pF,
4 channels active
12
16
mA
Input Leakage (Digital Pins)
IL
-1.0
+1.0
µA
Output Leakage (SDA,
FAULT)ILO
High impedance
-1.0
+1.0
µA
VOL1
IOL1 = 3mA
0.4
Low-Level Output Voltage
(SDA, Fault)
VOL2
IOL2 = 6mA
0.6
V
Low-Level Output Voltage
(PSYNC, LSYNC)
VOL3
IOL3 = 4mA
0.4
V
Low-Level Output Voltage
(GA, GB)
VOL4
IOL4 = 4mA
0.4
V
High-Level Output Voltage
(PSYNC, LSYNC)
VOH1
IOH1 = -1mA
VCC - 0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24