Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAS2909CD Fiches technique(PDF) 11 Page - List of Unclassifed Manufacturers

No de pièce MAS2909CD
Description  RADIATION HARD MICROPROGRAM SEQUENCER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

MAS2909CD Fiches technique(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button MAS2909CD Datasheet HTML 5Page - List of Unclassifed Manufacturers MAS2909CD Datasheet HTML 6Page - List of Unclassifed Manufacturers MAS2909CD Datasheet HTML 7Page - List of Unclassifed Manufacturers MAS2909CD Datasheet HTML 8Page - List of Unclassifed Manufacturers MAS2909CD Datasheet HTML 9Page - List of Unclassifed Manufacturers MAS2909CD Datasheet HTML 10Page - List of Unclassifed Manufacturers MAS2909CD Datasheet HTML 11Page - List of Unclassifed Manufacturers MAS2909CD Datasheet HTML 12Page - List of Unclassifed Manufacturers MAS2909CD Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MA2909/11
11
RADIATION TOLERANCE
Total Dose Radiation Testing
For product procured to guaranteed total dose radiation
levels, each wafer lot will be approved when all sample
devices from each lot pass the total dose radiation test.
The sample devices will be subjected to the total dose
radiation level (Cobalt-60 Source), defined by the ordering
code, and must continue to meet the electrical parameters
specified in the data sheet. Electrical tests, pre and post
irradiation, will be read and recorded.
GEC Plessey Semiconductors can provide radiation
testing compliant with MIL-STD-883 test method 1019,
Ionizing Radiation (Total Dose).
Total Dose (Function to specification)*
3x105 Rad(Si)
Transient Upset (Stored data loss)
5x1010 Rad(Si)/sec
Transient Upset (Survivability)
>1x1012 Rad(Si)/sec
Neutron Hardness (Function to specification)
>1x1015 n/cm2
Single Event Upset**
1x10-10 Errors/bit day
Latch Up
Not possible
* Other total dose radiation levels available on request
** Worst case galactic cosmic ray upset - interplanetary/high altitude orbit
Table 11: Radiation Hardness Parameters
ORDERING INFORMATION
For details of reliability, QA/QC, test and assembly
options, see ‘Manufacturing Capability and Quality
Assurance Standards’ Section 9.
Unique Circuit Designator
S
R
Q
Radiation Hard Processing
100 kRads (Si) Guaranteed
300 kRads (Si) Guaranteed
Radiation Tolerance
C
N
F
Ceramic DIL (Solder Seal)
Naked Die
Flatpack (Solder Seal)
Package Type
QA/QCI Process
(See Section 9 Part 4)
Test Process
(See Section 9 Part 3)
Assembly Process
(See Section 9 Part 2)
L
C
D
E
B
S
Rel 0
Rel 1
Rel 2
Rel 3/4/5/STACK
Class B
Class S
Reliability Level
MAx2911xxxxx
MAx2909xxxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13