Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAS2910CE Fiches technique(PDF) 10 Page - List of Unclassifed Manufacturers

No de pièce MAS2910CE
Description  RADIATION HARD MICROPROGRAM CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

MAS2910CE Fiches technique(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MAS2910CE Datasheet HTML 6Page - List of Unclassifed Manufacturers MAS2910CE Datasheet HTML 7Page - List of Unclassifed Manufacturers MAS2910CE Datasheet HTML 8Page - List of Unclassifed Manufacturers MAS2910CE Datasheet HTML 9Page - List of Unclassifed Manufacturers MAS2910CE Datasheet HTML 10Page - List of Unclassifed Manufacturers MAS2910CE Datasheet HTML 11Page - List of Unclassifed Manufacturers MAS2910CE Datasheet HTML 12Page - List of Unclassifed Manufacturers MAS2910CE Datasheet HTML 13Page - List of Unclassifed Manufacturers MAS2910CE Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MA2910
10
Address Based
The Register at the MA2910 output contains the
microinstruction being executed. The Microprogram Memory
and MA2901 are in series within the critical path. This
architecture is of comparable speed to the Instruction Based
architecture, but requires fewer register bits, since only the
address (typically 10 to 12 bits) is stored instead of the
instruction.
Instruction Based
A Register at the Microprogram Memory output contains
the microinstruction being executed. The Microprogram
Memory and MA2901 delay are in series. Conditional
branches are executed on the same cycle as the ALU
operation generating the condition.
Figure 22: Address Based
Figure 20: Instruction Based
Two Level pipeline Based
This architecture provides the highest possible speed. It is,
however, more difficult to program as the selection of a
microinstruction occurs two instructions ahead of its execution.
Data Based
The Status Register provides conditional branch control
based on results of the previous ALU cycle. The Microprogram
memory and the MA2901 are in series within the critical path.
Figure 21: Data Based
Figure 23: Two Level Pipeline Based



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16