| Moteur de recherche de fiches techniques de composants électroniques |
|
LS2801R5D/EM Fiches technique(PDF) 3 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
LS2801R5D/EM Fiches technique(HTML) 3 Page - International Rectifier |
|
3 / 16 page ![]() www.irf.com 3 LS-SERIES Electrical Performance Characteristics For Notes to Electrical Performance Characteristics, refer to page 5 1. Input voltage rating is BOL. Input voltage range reduced to 20 to 40VDC for EOL. 2. Meets de-rating per MIL-STD-975 Limits Parameter Group A Subgroup Conditions -55 °C ≤ T C ≤ +85°C VIN = 28V DC ± 5%, CL = 0 unless otherwise specified Min Nom Max Unit Input Voltage 18 28 40 V Output Voltage ( Vout ) LS2801R5S LS2802R5S LS2803R3S LS2805S LS2812S LS2815S LS2805D LS2812D LS2815D LS2801R5S LS2802R5S LS2803R3S LS2805S LS2812S LS2815S LS2805D LS2812D LS2815D 1 1 1 1 1 1 1 1 1 2,3 2,3 2,3 2,3 2,3 2,3 2,3 2,3 2,3 IOUT = 100% rated load Note 4 IOUT = 100% rated load Notes 4, 14 1.47 2.47 3.27 4.95 11.88 14.85 ±4.95 ±11.88 ±14.85 1.43 2.43 3.23 4.90 11.76 14.70 ±4.90 ±11.76 ±14.70 1.50 2.50 3.30 5.00 12.00 15.00 ±5.00 ±12.00 ±15.00 1.53 2.53 3.33 5.05 12.12 15.15 ±5.05 ±12.12 ±15.15 1.57 2.57 3.37 5.10 12.24 15.30 ±5.10 ±12.24 ±15.30 V V Output power ( POUT ) LS2801R5S LS2802R5S LS2803R3S All Others 1,2,3 VIN = 18, 28, 40 Volts, Note 2 0 0 0 0 12 20 25 30 W Output current ( IOUT ) LS2801R5S LS2802R5S LS2803R3S LS2805S LS2812S LS2815S LS2805D LS2812D LS2815D 1,2,3 VIN = 18, 28, 40 Volts, Note 2 Either Output, Note 3 Either Output, Note 3 Either Output, Note 3 0 0 0 0 0 0 0 0 0 8.0 8.0 7.57 6.0 2.5 2.0 4.8 2.3 1.6 A Line regulation ( VRLINE ) 1,2,3 VIN = 18, 28, 40 Volts IOUT = 0, 50%, 100% rated, Note 4 -0.5 0.5 % Load regulation ( VRLOAD ) LS2801R5S LS2802R5S All others 1,2,3 VIN = 18, 28, 40 Volts IOUT = 0, 50%, 100% rated, Note 4 -2.0 -1.2 -1.0 2.0 1.2 1.0 % Cross regulation ( VRCROSS ) LS2805D LS2812D LS2815D 1,2,3 VIN = 18, 28, 40 Volts Duals only, Note 5 -5.0 -3.0 -3.0 5.0 3.0 3.0 % Input voltage range -0.5Vdc to +60Vdc Input voltage range 1 +4.5Vdc to +40Vdc Output power Internally limited Output power 0 to Max. Rated Lead temperature +300°C for 10 seconds Operating case temperature -55°C to +85°C Operating case temperature -55°C to +125°C (Note 13) Operating case temperature 2 -55°C to +70°C Storage temperature -55°C to +135°C Recommended Operating Conditions Absolute Maximum Ratings |