| Moteur de recherche de fiches techniques de composants électroniques |
|
LS2802R5D/CK Fiches technique(PDF) 5 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
LS2802R5D/CK Fiches technique(HTML) 5 Page - International Rectifier |
|
5 / 16 page ![]() www.irf.com 5 LS-SERIES Electrical Performance Characteristics ( continued ) 1. Parameter is tested as part of design characterization or after design changes. Thereafter, parameter shall be guaranteed to the limits specified. 2. Parameter verified during line and load regulation tests. 3. Output load current must be distributed such that at least 20% of the total load current is being provided by one of the outputs. 4. Load current split equally between outputs on dual output models. 5. Cross regulation is measured with 20% rated load on output under test while changing the load on the other output from 20% to 80% of rated. 6. Guaranteed for a D.C. to 20MHz bandwidth. Tested using a 20KHz to 10MHz bandwidth using the circuit on page 6. 7. Capacitive load may be any value from 0 to the maximum limit without compromising dc performance. For a capacitive load in excess of the maximum limit, consult the factory. 8. Overload power dissipation is defined as the device power dissipation with the load set such that V OUT = 90% of nominal. 9. Load step transition time ≤ 10 µs. 10. Recovery time is measured from the initiation of the transient to where V OUT has returned to within ±1% of its steady state value. 11. Line step transition time ≤ 100 µs. 12. Turn-on delay time from either a step application of input power or a logic low to a logic high transition on the inhibit pin (pin 4) to the point where V OUT = 90% of nominal. 13. For operation at temperatures between +85°C and 125°C, de-rate the maximum output power linearly from 100% to 75%. 14. End of life (EOL) is ±3% Limits Parameter Group A Subgroup Conditions -55 °C ≤ T C ≤ +85°C VIN = 28V DC ± 5%, CL = 0 unless otherwise specified Min Nom Max Unit Turn-on Overshoot (VOS) LS2801R5S LS2802R5S LS2803R3S LS2805S LS2812S LS2815S LS2805D LS2812D LS2815D Turn-on Delay (TDLY) 4,5,6 10% Load, Full Load Notes 4,12 0 150 250 330 500 1000 1000 500 1000 1000 10 mV ms Capacitive Load (CL) LS2801R5S LS2802R5S LS2803R3S LS2805S LS2812S LS2815S LS2805D LS2812D LS2815D IOUT = 100% rated load No effect on DC performance Notes 1, 4, 7 Each output on duals 2500 2500 2200 1000 180 120 500 90 60 µF Line Rejection 1 IOUT = 100% rated load DC to 50KHz, Notes 1, 4 35 50 dB Isolation 1 Input to Output or Any Pin to Case except pin 3, test @ 500VDC 100 M Ω Device Weight 80 g MTBF MIL-HDBK-217F2, SF, 35 °C 4.0 x 10 6 Hr Notes for Electrical Performance Characteristics Table |