| Moteur de recherche de fiches techniques de composants électroniques |
|
DM19CC151DO3-SA-R02 Fiches technique(PDF) 15 Page - Sharma Electro Components,Inc |
|
|
|||||||||||||||||||||||||||||
DM19CC151DO3-SA-R02 Fiches technique(HTML) 15 Page - Sharma Electro Components,Inc |
|
15 / 17 page ![]() 15 SUSCO Engineers & Buyers Guide - Mica Section Tel: 516-981-6690 Fax: 516-981-6867 MICA CAPACITORS CAPACITANCE VOLTAGE VALUE in pF 500 V DC 300 V DC 100 V DC Lmax. W max. T max Lmax. W max. T max Lmax. W max. T max 1 - 100 F 17.78 11.43 3.05 200 - 620 F 17.78 11.43 3.30 750 - 1,200 F 17.78 11.43 3.56 1,200 - 1,600 F 17.78 11.68 3.81 1,800 F 18.03 11.68 3.81 2,000 - 2,200 F 18.03 11.68 4.06 2,400 - 2,700 F 18.03 11.68 5.08 3,300 - 3,300 F 18.29 11.94 5.59 3,600 F 18.29 11.94 5.84 3,900 F 18.29 12.19 6.10 4,300 F 18.29 12.19 6.35 18.29 11.94 5.33 4,700 F 18.54 12.19 6.60 18.29 11.94 5.59 5,100 F 18.54 12.45 6.86 18.29 11.94 5.84 5,600 F 18.54 12.45 7.11 18.29 12.19 6.10 6,200 F 18.80 12.45 7.62 18.29 12.19 6.35 18.29 11.94 5.59 6,800 F 18.80 12.70 8.13 18.54 12.19 6.60 18.29 11.94 5.84 7,500 F 19.05 12.70 8.64 18.54 12.45 6.86 18.29 12.19 6.10 8,200 F 19.05 12.95 9.14 18.54 12.45 7.11 18.29 12.19 6.35 9,100 F 19.30 13.21 9.65 18.80 12.45 7.37 18.54 12.19 6.60 10,000 F 19.30 13.46 10.16 18.80 12.45 7.62 18.54 12.45 6.86 11,000 F 18.80 12.70 8.13 18.54 12.45 7.11 12,000 F 19.05 12.70 8.64 18.80 12.45 7.37 CAPACITANCE VOLTAGE VALUE in pF 500 V DC 300 V DC 100 V DC Lmax. W max. T max Lmax. W max. T max Lmax. W max. T max 1 - 100 F 0.700 0.450 0.120 200 - 620 F 0.700 0.450 0.130 750 - 1,200 F 0.700 0.450 0.140 1,200 - 1,600 F 0.700 0.460 0.150 1,800 F 0.710 0.460 0.150 2,000 - 2,200 F 0.710 0.460 0.160 2,400 - 2,700 F 0.710 0.460 0.200 3,300 - 3,300 F 0.720 0.470 0.220 3,600 F 0.720 0.470 0.230 3,900 F 0.720 0.480 0.240 4,300 F 0.720 0.480 0.250 0.720 0.470 0.210 4,700 F 0.730 0.480 0.260 0.720 0.470 0.220 5,100 F 0.730 0.490 0.270 0.720 0.470 0.230 5,600 F 0.730 0.490 0.280 0.720 0.480 0.240 6,200 F 0.740 0.490 0.300 0.720 0.480 0.250 0.720 0.470 0.220 6,800 F 0.740 0.500 0.320 0.730 0.480 0.260 0.720 0.470 0.230 7,500 F 0.750 0.500 0.340 0.730 0.490 0.270 0.720 0.480 0.240 8,200 F 0.750 0.510 0.360 0.730 0.490 0.280 0.720 0.480 0.250 9,100 F 0.760 0.520 0.380 0.740 0.490 0.290 0.730 0.480 0.260 10,000 F 0.760 0.530 0.400 0.740 0.490 0.300 0.730 0.490 0.270 11,000 F 0.740 0.500 0.320 0.730 0.490 0.280 12,000 F 0.750 0.500 0.340 0.740 0.490 0.290 SCDM 20 Mica Capacitors SCDM20 Case Dimensions in Millimeters Lead Spacing: 11.11 ± 0.8mm SCDM20 Case Dimensions in Inches Lead Spacing: 0.438 ± 0.031” Note: Bold Outlined Sections indicate SUSCO Standard items. DIMENSIONS: LL = 31.75 mm (1.25”) min. |