| Moteur de recherche de fiches techniques de composants électroniques |
|
IXGP16N60C2 Fiches technique(PDF) 2 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IXGP16N60C2 Fiches technique(HTML) 2 Page - IXYS Corporation |
|
2 / 2 page ![]() IXYS reserves the right to change limits, test conditions, and dimensions. IXGP 16N60C2 IXGA 16N60C2D1 IXGA 16N60C2 IXGA 16N60C2D1 IXYS MOSFETs and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 6,306,728B1 6,259,123B1 6,306,728B1 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 6,404,065B1 6,162,665 6,534,343 Reverse Diode (FRED) Characteristic Values (T J = 25°C, unless otherwise specified) Symbol Test Conditions min. typ. max. V F I F = 10 A, VGE = 0 V 2.66 V T J = 125 °C 1.66 I RM I F = 12 A; -diF/dt = 100 A/µs, VR = 100 V 2.5 A t rr V GE = 0 V; TJ = 125 °C 110 ns t rr I F = 1 A; -diF/dt = 100 A/µs; VR = 30 V, VGE = 0 V 30 ns R thJC 2.5 K/W Symbol Test Conditions Characteristic Values (T J = 25°C, unless otherwise specified) min. typ. max. g fs I C = 12A; V CE = 10 V, 8 12 S Note 2. C ies V CE = 25 V, VGE = 0 V, f = 1 MHz 720 pF C oes 16N60C2 55 pF 16N60C2D1 65 pF C res 19 pF Q g I C = 20A, VGE = 15 V, VCE = 0.5 VCES 32 nC Q ge 6nC Q gc 10 nC t d(on) 25 ns t ri 15 ns t d(off) 60 120 ns t fi 35 ns E off 60 100 µJ t d(on) 25 ns t ri 18 ns E on 16N60C2D1 0.38 mJ t d(off) 120 ns t fi 70 ns E off 150 µJ R thJC 0.83 K/W R thCK (IXGP) 0.5 K/W Inductive load, T J = 125° °°°°C I C = 12A; VGE = 15 V V CE = 400 V; RG = Roff = 22 Ω Note 1 Inductive load, T J = 25° °°°°C I C = 12 A; VGE = 15 V V CE = 400 V; RG = Roff = 22 Ω Note 1. Notes: 1. Switching times may increase for V CE (Clamp) > 0.8 • VCES, higher TJ, or increased R G. 2. Pulse test, t ≤ 300 µs, duty cycle d ≤ 2 % Pins: 1 - Gate 2 - Collector 3 - Emitter 4 - Collector TO-220 Outline Dim. Millimeter Inches Min. Max. Min. Max. A 4.06 4.83 .160 .190 A1 2.03 2.79 .080 .110 b 0.51 0.99 .020 .039 b2 1.14 1.40 .045 .055 c 0.46 0.74 .018 .029 c2 1.14 1.40 .045 .055 D 8.64 9.65 .340 .380 D1 7.11 8.13 .280 .320 E 9.65 10.29 .380 .405 E1 6.86 8.13 .270 .320 e 2.54 BSC .100 BSC L 14.61 15.88 .575 .625 L1 2.29 2.79 .090 .110 L2 1.02 1.40 .040 .055 L3 1.27 1.78 .050 .070 L4 0 0.38 0 .015 TO-263 Outline = |