Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STSMIA832 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce STSMIA832
Description  1.8V/2.8V High speed dual differential line receivers, standard mobile imaging architecture (SMIA) decoder deserializer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSMIA832 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button STSMIA832 Datasheet HTML 14Page - STMicroelectronics STSMIA832 Datasheet HTML 15Page - STMicroelectronics STSMIA832 Datasheet HTML 16Page - STMicroelectronics STSMIA832 Datasheet HTML 17Page - STMicroelectronics STSMIA832 Datasheet HTML 18Page - STMicroelectronics STSMIA832 Datasheet HTML 19Page - STMicroelectronics STSMIA832 Datasheet HTML 20Page - STMicroelectronics STSMIA832 Datasheet HTML 21Page - STMicroelectronics STSMIA832 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Timing diagram
STSMIA832
18/23
1.
Note: DATA_IN and STROBE are the input signals, CLKH is an internal signal i.e internal extracted clock
having half frequency respect to the external clock. All others are output signals.
Figure 14.
Enabled sync mode (SYNC_SEL = VDD) (D1-D8 will transmit the input data DIN,
excluding SYNC CODE) and CLASS_SEL = VL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23