| Moteur de recherche de fiches techniques de composants électroniques |
|
PEMH9 Fiches technique(PDF) 11 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
PEMH9 Fiches technique(HTML) 11 Page - Nexperia B.V. All rights reserved |
|
11 / 18 page ![]() PEMH9_PIMH9_PUMH9 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 5 — 12 November 2013 10 of 17 NXP Semiconductors PEMH9; PIMH9; PUMH9 NPN/NPN resistor-equipped transistors; R1 = 10 k , R2 = 47 k 9. Package outline Fig 11. Package outline PEMH9 (SOT666) Fig 12. Package outline PIMH9 (SOT457) Fig 13. Package outline PUMH9 (SOT363) Dimensions in mm 04-11-08 1.7 1.5 1.7 1.5 1.3 1.1 1 0.18 0.08 0.27 0.17 0.5 pin 1 index 12 3 4 5 6 0.6 0.5 0.3 0.1 04-11-08 Dimensions in mm 3.0 2.5 1.7 1.3 3.1 2.7 pin 1 index 1.9 0.26 0.10 0.40 0.25 0.95 1.1 0.9 0.6 0.2 13 2 4 5 6 06-03-16 Dimensions in mm 0.25 0.10 0.3 0.2 pin 1 index 1.3 0.65 2.2 2.0 1.35 1.15 2.2 1.8 1.1 0.8 0.45 0.15 13 2 4 65 |