| Moteur de recherche de fiches techniques de composants électroniques |
|
PXAD184218FV-V1-R2 Fiches technique(PDF) 2 Page - WOLFSPEED, INC. |
|
|
|||||||||||||||||||||||||||||
PXAD184218FV-V1-R2 Fiches technique(HTML) 2 Page - WOLFSPEED, INC. |
|
2 / 9 page ![]() 2 PXAD184218FV Rev. 04, 2023-06-26 © 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc. The information in this document is subject to change without notice. 4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300 DC Characteristics (each side) Characteristic Conditions Symbol Min Typ Max Unit Drain-Source Breakdown Voltage VGS = 0 V, IDS = 10 mA V(BR)DSS 65 — — V Drain Leakage Current VDS = 28 V, VGS = 0 V IDSS — — 1 µA VDS = 63 V, VGS = 0 V IDSS — — 10 µA Gate Leakage Current VGS = 10 V, VDS = 0 V IGSS — — 1 µA On-State Resistance (Main) VGS = 10 V, VDS = 0.1 V RDS(on) — 0.03 — W (Peak) VGS = 10 V, VDS = 0.1 V RDS(on) — 0.02 — W Operating Gate Voltage (Main) VDS = 28 V, IDQ = 720 mA VGS 2.3 2.6 2.9 V (Peak) VDS = 28 V, IDQ = 0 mA VGS — 1.5 — V Maximum Ratings Parameter Symbol Value Unit Drain-Source Voltage VDSS 65 V Gate-Source Voltage VGS –6 to +10 V Junction Temperature TJ 225 °C Storage Temperature Range TSTG –65 to +150 °C Thermal Characteristics Parameter Symbol Value Unit Thermal Resistance (Main, TCASE = 70°C, 60 W CW) RqJC 0.514 °C/W (Peak, TCASE = 70°C, 280 W CW) RqJC 0.297 °C/W Ordering Information Type and Version Order Code Package Description Shipping PXAD184218FV V1 R0 PXAD184218FV-V1-R0 H-37275G-6/2, earless flange Tape & Reel, 50 pcs PXAD184218FV V1 R2 PXAD184218FV-V1-R2 H-37275G-6/2, earless flange Tape & Reel, 250 pcs |