| Moteur de recherche de fiches techniques de composants électroniques |
|
ADPD7000 Fiches technique(PDF) 52 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADPD7000 Fiches technique(HTML) 52 Page - Analog Devices |
|
52 / 127 page ![]() Data Sheet ADPD7000 REGISTER SUMMARY analog.com Rev. 0 | 52 of 127 Table 23. Register Summary (Continued) Reg Name Bits Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset RW 0x1D3 ADC_OFF 1_F [15:8] RESERVED CH1_ADC_ADJUST_F[13:8] 0x0000 R/W [7:0] CH1_ADC_ADJUST_F[7:0] 0x1D4 ADC_OFF 2_F [15:8] RESERVED CH2_ADC_ADJUST_F[13:8] 0x0000 R/W [7:0] CH2_ADC_ADJUST_F[7:0] 0x1D5 DATA1_F [15:8] DARK_SHIFT_F DARK_SIZE_F 0x0003 R/W [7:0] SIGNAL_SHIFT_F SIGNAL_SIZE_F 0x1D6 DATA2_F [15:8] RESERVED 0x0000 R/W [7:0] LIT_SHIFT_F LIT_SIZE_F 0x1D7 DECIMAT E_F [15:8] CHANNEL_EN_F RESERVED SUBSAMPLE_RATIO_F[6:4] 0x0010 R/W [7:0] SUBSAMPLE_RATIO_F[3:0] RESERVED 0x1D8 DIGINT_LI T_F [15:8] RESERVED LIT_OFFSE T_F, Bit 8 0x0026 R/W [7:0] LIT_OFFSET_F[7:0] 0x1D9 DIGINT_D ARK_F [15:8] DARK2_OFFSET_F[8:1] 0x0086 R/W [7:0] DARK2_O FFSET_F, Bit 0 DARK1_OFFSET_F 0x1DA ADC_OFF 3_F [15:8] RESERVED CH3_ADC_ADJUST_F[13:8] 0x0000 R/W [7:0] CH3_ADC_ADJUST_F[7:0] 0x1DB ADC_OFF 4_F [15:8] RESERVED CH4_ADC_ADJUST_F[13:8] 0x0000 R/W [7:0] CH4_ADC_ADJUST_F[7:0] 0x1DC THRESH1 _F [15:8] RESERVED THRESH1_SHIFT_F 0x0000 R/W [7:0] THRESH1_VALUE_F 0x1E0 TS_CTRL_ G [15:8] RESERVED SAMPLE_TYPE_G RESERVED TIMESLOT_OFFSET_G[9: 8] 0x1000 R/W [7:0] TIMESLOT_OFFSET_G[7:0] 0x1E1 TS_PATH_ G [15:8] PRE_WIDTH_G AMBIENT_CANCELLATIO N_G GOUT_G RESERVED 0x4020 R/W [7:0] RESERVE D AFE_PATH_CFG_G 0x1E2 INPUTS_G [15:8] INP4_SEL_G INP3_SEL_G INP2_SEL_G INP1_SEL_G 0x0000 R/W [7:0] INP34_G INP12_G 0x1E3 CATHODE _G [15:8] RESERVE D PRECON_G RESERVED AFE_VREF_AMB_SEL_G 0x0200 R/W [7:0] VC1_AMB_SEL_G VC1_PULSE_G VC1_ALT_G VC1_SEL_G 0x1E4 AFE_TRIM 1_G [15:8] AFE_TIA_ SAT_DET ECT_EN_ G RESERVED AFE_BUFFER_GAIN_G VREF_PUL SE_G AFE_TRIM_VREF_G 0x02C9 R/W [7:0] VREF_PULSE_VAL_G TIA_GAIN_CH2_G TIA_GAIN_CH1_G 0x1E5 AFE_TRIM 2_G [15:8] RESERVED AFE_BUFF ER_CAP_G RESERVED 0x0000 R/W [7:0] RESERVED TIA_GAIN_CH4_G TIA_GAIN_CH3_G |