| Moteur de recherche de fiches techniques de composants électroniques |
|
GTRA263902FC-V2-R0 Fiches technique(PDF) 4 Page - WOLFSPEED, INC. |
|
|
|||||||||||||||||||||||||||||
GTRA263902FC-V2-R0 Fiches technique(HTML) 4 Page - WOLFSPEED, INC. |
|
4 / 8 page ![]() GTRA263902FC 4 Rev. 04.1, 2022-1-27 © 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc. The information in this document is subject to change without notice. 4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300 Typical RF Performance (cont.) Figure 5. CW Performance at various V DD Figure 6. CW Performance Small Signal Gain & Input Return Loss 5 15 25 35 45 55 65 8 10 12 14 16 18 20 29 33 37 41 45 49 53 57 Output Power (dBm) CW Performance at various VDD IDQ(MAIN) = 200 mA, VGS(PEAK) = -6.0V, ƒ = 2690 MHz 44V 48V 52V gtra263902fc_g6 Gain Efficiency -18 -16 -14 -12 -10 12 14 16 18 20 2525 2575 2625 2675 2725 2775 2825 Frequency (MHz) CW Performance Small Signal Gain & Input Return Loss VDD = 48 V, IDQ(MAIN) = 200 mA, VGS(PEAK) = -6.0 V IRL Gain gtra263902fc_g7 5 15 25 35 45 55 65 8 10 12 14 16 18 20 29 33 37 41 45 49 53 57 Output Power (dBm) CW Performance at various VDD IDQ(MAIN) = 200 mA, VGS(PEAK) = -6.0V, ƒ = 2690 MHz 44V 48V 52V gtra263902fc_g6 Gain Efficiency -18 -16 -14 -12 -10 12 14 16 18 20 2525 2575 2625 2675 2725 2775 2825 Frequency (MHz) CW Performance Small Signal Gain & Input Return Loss VDD = 48 V, IDQ(MAIN) = 200 mA, VGS(PEAK) = -6.0 V IRL Gain gtra263902fc_g7 Load Pull Performance Main Side Load Pull Performance – Pulsed CW signal: 10 µs, 10% duty cycle, 48 V, I DQ = 200 mA, class AB Peak Side Load Pull Performance – Pulsed CW signal: 10 µs, 10% duty cycle, 48 V, V GS(PEAK) = -5 V, class C P 3dB Max Output Power Max Drain Efficiency Freq [MHz] Zs [W] Zl [W] Gain [dB] P 3dB [dBm] P 3dB [W] hD [%] Zl [W] Gain [dB] P 3dB [dBm] P 3dB [W] hD [%] 2620 10.4 – j6.7 3.88 – j4.7 16.37 52.80 190.55 65.2 2.84 – j2.35 18.15 50.98 125.3 75.3 2690 7.6 – j6.7 3.91 – j5.35 15.79 52.85 192.75 62.4 2.55 – j2.27 18.05 50.69 117.2 76.6 P 3dB Max Output Power Max Drain Efficiency Freq [MHz] Zs [W] Zl [W] Gain [dB] P 3dB [dBm] P 3dB [W] hD [%] Zl [W] Gain [dB] P 3dB [dBm] P 3dB [W] hD [%] 2620 16.8 – j16.8 2.35 – j3.92 14.72 54.55 285.1 68.1 1.68 – j2.17 16 52.29 169.43 77.6 2690 20 – j7.5 2.5 – j4.37 14.32 54.67 293.1 66.4 2.14 – j2.52 15.3 53.12 205.11 77.7 |