Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS4201 Fiches technique(PDF) 22 Page - Dallas Semiconductor

No de pièce DS4201
Description  USB Audio DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DALLAS [Dallas Semiconductor]
Site Internet  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS4201 Fiches technique(HTML) 22 Page - Dallas Semiconductor

Back Button DS4201 Datasheet HTML 16Page - Dallas Semiconductor DS4201 Datasheet HTML 17Page - Dallas Semiconductor DS4201 Datasheet HTML 18Page - Dallas Semiconductor DS4201 Datasheet HTML 19Page - Dallas Semiconductor DS4201 Datasheet HTML 20Page - Dallas Semiconductor DS4201 Datasheet HTML 21Page - Dallas Semiconductor DS4201 Datasheet HTML 22Page - Dallas Semiconductor DS4201 Datasheet HTML 23Page - Dallas Semiconductor DS4201 Datasheet HTML 24Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
DS4201
22 of 24
102099
APPENDIX C: RECOMMENDED CONNECTION DIAGRAMS
The schematics in Figures C–1 and C–2 show possible DS4201 connections for the two suspend power
mode (SPM) options. In both figures, resistor values are in ohms and capacitor values are in microfarads
unless noted.
In Figure C–1, SPM=1 and the DS4201 non–USB power inputs operate from +5V. AUX and MIC analog
inputs are attenuated and ac coupled. The analog attenuation is necessary if input levels can exceed the
Vrms max input level with +5V analog operation.
SPM=1 CONFIGURATION FIGURE C-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24