| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC106ARX66CG Fiches technique(PDF) 21 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC106ARX66CG Fiches technique(HTML) 21 Page - Motorola, Inc |
|
21 / 28 page ![]() MPC106 PCI Bridge/Memory Controller Hardware Specifications 21 Package Description 1.7.2 Mechanical Dimensions Figure 12 shows the mechanical dimensions for the MPC106. Figure 12. Mechanical Dimensions C A1 0.200 2X 0.200 2X – E – – F – 0.150 – T – T H G K ∅ 0.300 1 2 3456 789 10 1112 13 14 15 16 W V U T R P N M L K J H G F E D C B A 303X ∅ D S T S E S F ∅ 0.150 S T *Not to scale Note: All measurements are in mm. MIN MAX A 25.0 BASIC B 21.0 BASIC C 2.3 3.16 D 0.82 0.93 G 1.27 BASIC H 0.79 0.99 K 0.635 BASIC N 5.8 6.0 P 7.2 7.4 Top View Bottom View P B A N |