| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC106 Fiches technique(PDF) 17 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC106 Fiches technique(HTML) 17 Page - Motorola, Inc |
|
17 / 28 page ![]() MPC106 PCI Bridge/Memory Controller Hardware Specifications 17 Pinout Listings LBCLAIM N4 Low Input MCP J11 Low Output TA N1 Low I/O TBST L4 Low I/O TEA J1 Low Output TS R1 Low I/O TSIZ[0–2] G3, G4, F3 High I/O TT[0–4] G1, H1, K1, L1, M1 High I/O WT M4 Low I/O XATS (SDMA1) P1 Low Input L2 Cache Interface Signals ADS/DALE/BRL2 R3 Low I/O BA0 (BR3) T5 Low Output BA1/BAA/BGL2 P4 Low Output DBGL2/DOE U5 Low Output DCS (BG3) T1 Low Output DIRTY_IN (BR1) T3 Low Input DIRTY_OUT (BG1) R4 Low Output DWE0 (DBG2) P3 Low Output DWE1 (DBG3) H11 Low Output DWE2 (CKO) L11 Low Output HIT T4 Low Input TOE (DBG1) U4 Low Output TV (BR2) T6 High I/O TWE (BG2) R5 Low Output Memory Interface Signals BCTL[0–1] F16, F15 Low Output BERR (ISA_MASTER) B3 Low Input Table 10. Pinout Listing (Continued) Signal Name Pin Number Active I/O |