Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATT3000 Fiches technique(PDF) 39 Page - List of Unclassifed Manufacturers

No de pièce ATT3000
Description  Field-Programmable Gate Arrays
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

ATT3000 Fiches technique(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button ATT3000 Datasheet HTML 35Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 36Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 37Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 38Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 39Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 40Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 41Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 42Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
Data Sheet
February 1997
ATT3000 Series Field-Programmable Gate Arrays
Lucent Technologies Inc.
39
Pin Assignments
Notes:
Peripheral mode and master parallel mode are not supported in the M44 package.
Parallel address and data pins are not assigned.
Table 7. ATT3030 44-Pin PLCC Pinout
Pin No.
Function
Pin No.
Function
1
GND
23
GND
2
I/O
24
I/O
3
I/O
25
I/O
4
I/O
26
XTL2–I/O
5
I/O
27
RESET
6
I/O
28
DONE–PROG
7
PWRDWN
29
I/O
8
TCLKIN–I/O
30
XTL1–BCLKIN–I/O
9
I/O
31
I/O
10
I/O
32
I/O
11
I/O
33
I/O
12
VCC
34
VCC
13
I/O
35
I/O
14
I/O
36
I/O
15
I/O
37
I/O
16
M1–RDATA
38
DIN–I/O
17
M0–RTRIG
39
DOUT–I/O
18
M2–I/O
40
CCLK
19
HDC–I/O
41
I/O
20
LDC
–I/O
42
I/O
21
I/O
43
I/O
22
INIT
–I/O
44
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80