Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LEAP2W Fiches technique(PDF) 16 Page - ams AG

No de pièce LEAP2W
Description  OSRAM OSTAR Projection Power is a high luminance LED for projection applications.
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

LEAP2W Fiches technique(HTML) 16 Page - ams AG

Back Button LEAP2W Datasheet HTML 12Page - ams AG LEAP2W Datasheet HTML 13Page - ams AG LEAP2W Datasheet HTML 14Page - ams AG LEAP2W Datasheet HTML 15Page - ams AG LEAP2W Datasheet HTML 16Page - ams AG LEAP2W Datasheet HTML 17Page - ams AG LEAP2W Datasheet HTML 18Page - ams AG LEAP2W Datasheet HTML 19Page - ams AG LEAP2W Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
LE A P2W
16 Version 1.12 | 2020-11-05
Data Matrix Code Description
The Data Matrix Code bin information is Laser marked during testing
Content: aaaa@bbbb@ccc@ddddd@eeeee
Data Matrix Code Type: ECC200
a = Luminous Flux (Phiv) [lm] or Radiant Flux (Phie) [W]
(example: 3306)
b = Forward Voltage (Vf) [V]
(example: 3.46)
c = Wavelength (Ldom) [nm]
(example: 618)
d = Color Coordinate Cx
(example: 0.321)
e = Color Coordinate Cy
(example: 0.641)
@: Seperator = Blank



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21