Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GWCSSRM1.PC Fiches technique(PDF) 5 Page - ams AG

No de pièce GWCSSRM1.PC
Description  Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

GWCSSRM1.PC Fiches technique(HTML) 5 Page - ams AG

  GWCSSRM1.PC Datasheet HTML 1Page - ams AG GWCSSRM1.PC Datasheet HTML 2Page - ams AG GWCSSRM1.PC Datasheet HTML 3Page - ams AG GWCSSRM1.PC Datasheet HTML 4Page - ams AG GWCSSRM1.PC Datasheet HTML 5Page - ams AG GWCSSRM1.PC Datasheet HTML 6Page - ams AG GWCSSRM1.PC Datasheet HTML 7Page - ams AG GWCSSRM1.PC Datasheet HTML 8Page - ams AG GWCSSRM1.PC Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Version 1.6(not for new design)
GW CSSRM1.PC
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups
Durchlassspannungsgruppen
Group
Luminous Flux
Luminous Flux
Luminous Intensity
Gruppe
Lichtstrom
Lichtstrom
Lichtstärke
(min.) Φ
V [lm]
(max.) Φ
V [lm]
(typ.) I
V [cd]
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
K2
2.70
2.80
L1
2.80
2.90
L2
2.90
3.00
M1
3.00
3.10
M2
3.10
3.20
1) page 25
1) Seite 25
1) page 25
1) Seite25
5) page 25
5) Seite 25
MS
224
240
74
MT
240
259
79
MU
259
280
86
MF
270
280
88
NP
280
304
93
NQ
304
330
101
NR
330
359
110
2018-05-10
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26