| Moteur de recherche de fiches techniques de composants électroniques |
|
CS5467 Fiches technique(PDF) 45 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5467 Fiches technique(HTML) 45 Page - Cirrus Logic |
|
45 / 46 page ![]() CS5467 DS714A1 45 ADVANCE RELEASE 11. ORDERING INFORMATION 12. ENVIRONMENTAL, MANUFACTURING, & HANDLING INFORMATION * MSL (Moisture Sensitivity Level) as specified by IPC/JEDEC J-STD-020. Model Temperature Package CS5467-IS -40 to +85 °C 28-pin SSOP CS5467-ISZ (lead free) Model Number Peak Reflow Temp MSL Rating* Max Floor Life CS5467-IS 240 °C 2 365 Days CS5467-ISZ (lead free) 260 °C 3 7 Days |