| Moteur de recherche de fiches techniques de composants électroniques |
|
CS5464 Fiches technique(PDF) 45 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5464 Fiches technique(HTML) 45 Page - Cirrus Logic |
|
45 / 46 page ![]() CS5464 DS682PP1 45 11. ORDERING INFORMATION 12. ENVIRONMENTAL, MANUFACTURING, & HANDLING INFORMATION * MSL (Moisture Sensitivity Level) as specified by IPC/JEDEC J-STD-020. Model Temperature Package CS5464-IS -40 to +85 °C 24-pin SSOP CS5464-ISZ (lead free) Model Number Peak Reflow Temp MSL Rating* Max Floor Life CS5464-IS 240 °C 2 365 Days CS5464-ISZ (lead free) 260 °C 3 7 Days |