| Moteur de recherche de fiches techniques de composants électroniques |
|
CS4350 Fiches technique(PDF) 19 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS4350 Fiches technique(HTML) 19 Page - Cirrus Logic |
|
19 / 39 page ![]() DS691A3 19 CS4350 4.3.1 Time-Division Multiplex (TDM) Mode Four TDM interface modes are available that allow the CS4350 to input stereo PCM data in one of 4 time “slots”. Figure 11 shows the serial port connections necessary to input 8-channel TDM data into four CS4350 devices, and the corresponding DIF[2:0] pin or register-bit settings required for each CS4350. Figure 12 shows the TDM data format for each of the four CS4350 devices shown in Figure 11. . LRCK SCLK SDIN ILRCK ISCLK SDIN LRCK SCLK SDIN LRCK SCLK TDM_OUT TDM Source CS43501 CS43502 LRCK SCLK SDIN CS43503 DIF[2:0] = 100 DIF[2:0] = 101 DIF[2:0] = 110 DIF[2:0] = 111 CS43504 Figure 11. TDM Mode Connection Diagram Slot 2, ch B LRCK SCLK MSB MSB MSB MSB MSB SDIN1 Slot 4, ch A Slot 4, ch B Slot 2, ch A Slot 1, ch A 256 clks 32 clks 32 clks 32 clks 32 clks 32 clks MSB Slot 3, ch A 32 clks MSB Slot 1, ch B 32 clks MSB Slot 3, ch B 32 clks LSB MSB zero Data Figure 12. TDM Mode Timing |