Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP2155 Fiches technique(PDF) 4 Page - Microchip Technology

No de pièce MCP2155
Description  Infrared Encoder/Decoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2155 Fiches technique(HTML) 4 Page - Microchip Technology

  MCP2155 Datasheet HTML 1Page - Microchip Technology MCP2155 Datasheet HTML 2Page - Microchip Technology MCP2155 Datasheet HTML 3Page - Microchip Technology MCP2155 Datasheet HTML 4Page - Microchip Technology MCP2155 Datasheet HTML 5Page - Microchip Technology MCP2155 Datasheet HTML 6Page - Microchip Technology MCP2155 Datasheet HTML 7Page - Microchip Technology MCP2155 Datasheet HTML 8Page - Microchip Technology MCP2155 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
MCP2122
DS21894B-page 4
Preliminary
 2004 Microchip Technology Inc.
TABLE 1-2:
PIN DESCRIPTION
Pin Name
Pin Number
Pin
Type
Buffer
Type
PDIP
SOIC
Description
16XCLK
1
1
I
ST
16x external clock source input
TX
2
2
I
ST
Asynchronous receive from Host Controller UART
RX
3
3
O
—
Asynchronous transmit to Host Controller UART
VSS
4
4
—
P
Ground reference for logic and I/O pins
RESET
5
5
I
ST
Resets the Device
H = Normal Operation
L = Device in Reset
RXIR
6
6
I
ST
Asynchronous receive from infrared transceiver
TXIR
7
7
O
—
Asynchronous transmit to infrared transceiver
VDD
8
8
—
P
Positive supply for logic and I/O pins
Legend:
ST = Schmitt Trigger input with CMOS levels
I = Input
P= Power
O = Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34