| Moteur de recherche de fiches techniques de composants électroniques |
|
CS3318 Fiches technique(PDF) 4 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS3318 Fiches technique(HTML) 4 Page - Cirrus Logic |
|
4 / 44 page ![]() 4 DS693F1 CS3318 LIST OF FIGURES Figure 1.Control Port Timing - I²C Format.................................................................................................. 10 Figure 2.Control Port Timing - SPI Format................................................................................................. 11 Figure 3.Typical Connection Diagram........................................................................................................ 12 Figure 4.Detailed Block Diagram ............................................................................................................... 13 Figure 5.CS3318 Control Mapping Matrix.................................................................................................. 17 Figure 6.Volume & Muting Control Implementation ................................................................................... 18 Figure 7.Standard I²C Connections............................................................................................................ 23 Figure 8.Standard SPI Connections........................................................................................................... 23 Figure 9.SPI Serial Control Connections ................................................................................................... 24 Figure 10.Individual Device Address Configuration Process ..................................................................... 25 Figure 11.I²C Serial Control Connections .................................................................................................. 26 Figure 12.Control Port Timing, I²C Write.................................................................................................... 27 Figure 13.Control Port Timing, I²C Read.................................................................................................... 28 Figure 14.SPI Write Cycle.......................................................................................................................... 28 LIST OF TABLES Table 1. Example Volume Settings ............................................................................................................ 20 Table 2. Zero-Crossing Modes................................................................................................................... 22 Table 3. Zero-Crossing Time-Out Periods ................................................................................................. 22 Table 4. I²C Mode Default Chip Address ................................................................................................... 27 Table 5. Example Volume Settings ............................................................................................................ 31 Table 6. Example Volume Settings ............................................................................................................ 32 Table 7. Channel B = Channel A Settings ................................................................................................. 34 Table 8. Zero-Crossing Time-Out Settings ................................................................................................ 34 Table 9. Zero-Crossing Mode Settings ...................................................................................................... 35 Table 10. Chip Revision Register Codes ................................................................................................... 41 |