Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FBA04A05LSB Fiches technique(PDF) 4 Page - Panasonic Semiconductor

No de pièce FBA04A05LSB
Description  Locked rotor protection circuits Automatically restarts in a few seconds Reverse voltage protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FBA04A05LSB Fiches technique(HTML) 4 Page - Panasonic Semiconductor

  FBA04A05LSB Datasheet HTML 1Page - Panasonic Semiconductor FBA04A05LSB Datasheet HTML 2Page - Panasonic Semiconductor FBA04A05LSB Datasheet HTML 3Page - Panasonic Semiconductor FBA04A05LSB Datasheet HTML 4Page - Panasonic Semiconductor FBA04A05LSB Datasheet HTML 5Page - Panasonic Semiconductor FBA04A05LSB Datasheet HTML 6Page - Panasonic Semiconductor FBA04A05LSB Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
COMMON SPECIFICATIONS
4
Protection
• Locked rotor protection circuits
• Automatically restarts in a few seconds
• Reverse voltage protection
Insulation Resistance
• 10M
Ω minimum at 500v DC (frame to leads)
Dielectric Strength
• 500v AC (50/60Hz) for 1 minute (frame to leads)
Plastic Rating
• All Panaflo fans are manufactured with a UL94V-0 plastic (flammability)
Insulation Class
• JIS Class E (120° C)
• VDE Class E (90° C)
• UL Class A (105° C)
• CSA Class A (105° C)
Noise Data
The noise data is measured at 1 meter from the air intake side of the fan
suspended in a semi-anechoic chamber (background noise 13dB-A max.).
Construction with and without Solid Corner Housing
Panaflo fans are available in two different versions for mounting: with solid corner
housing and without. Specific mounting methods and applications require the use
of solid corners. Select the appropriate housing for your application. Some mod-
els may be available only with solid corner housing. For details, please refer to the
corresponding page for each model.
With Solid Corner
Without Solid Corner
Microphone
Microphone
Microphone
* Distance 1m.
Noise Data



Html Pages

1 2 3 4 5 6 7