Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CGH27030 Fiches technique(PDF) 1 Page - WOLFSPEED, INC.

No de pièce CGH27030
Description  30 W, 28 V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WOLFSPEED [WOLFSPEED, INC.]
Site Internet  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CGH27030 Fiches technique(HTML) 1 Page - WOLFSPEED, INC.

  CGH27030 Datasheet HTML 1Page - WOLFSPEED, INC. CGH27030 Datasheet HTML 2Page - WOLFSPEED, INC. CGH27030 Datasheet HTML 3Page - WOLFSPEED, INC. CGH27030 Datasheet HTML 4Page - WOLFSPEED, INC. CGH27030 Datasheet HTML 5Page - WOLFSPEED, INC. CGH27030 Datasheet HTML 6Page - WOLFSPEED, INC. CGH27030 Datasheet HTML 7Page - WOLFSPEED, INC. CGH27030 Datasheet HTML 8Page - WOLFSPEED, INC. CGH27030 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev. 4.2, 2022-10-20
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
CGH27030
Package Types: 440196 and 440166
PN’s: CGH27030P and CGH27030F
30 W, 28 V, GaN HEMT for Linear
Communications ranging from VHF to 3 GHz
Description
Wolfspeed's CGH27030 is a gallium nitride (GaN) high
electron mobility transistor (HEMT) designed specifically for
high efficiency, high gain and wide bandwidth capabilities,
which makes the CGH27030 ideal for VHF, Comms, 3G, 4G,
LTE, 2.3-2.9 GHz WiMAX and BWA amplifier applications. The
unmatched transistor is available in both screwdown, flange
and solder-down, pill packages.
Features
• VHF - 3.0 GHz Operation
• 30 W Peak Power Capability
• 15 dB Small Signal Gain
• 4.0 W PAVE at < 2.0 % EVM
• 28% Drain Efficiency at 4 W Average Power
• WiMAX Fixed Access 802.16-2004 OFDM
• WiMAX Mobile Access 802.16e OFDMA
Large Signal Models Available for ADS and MWO
Typical Performance Over 2.3-2.7GHz (TC = 25˚C) of Demonstration Amplifier
Parameter
2.3 GHz
2.4 GHz
2.5 GHz
2.6 GHz
2.7 GHz
Unit
Small Signal Gain
15.6
15.5
15.3
15.1
15.2
dB
EVM at PAVE = 36 dBm
1.73
1.85
1.85
1.77
1.43
%
Drain Efficiency at 36 dBm
28.1
28.7
28.9
27.9
27.5
%
Input Return Loss
6.6
6.2
6.0
6.1
7.0
dB
Notes:
1 Measured in the CGH27030F-AMP amplifier circuit, under 802.16 OFDM, 3.5 MHz Channel BW, 1/4 Cyclic Prefix, 64 QAM Modulated Burst, 5ms Burst,
Symbol Length of 59, Coding Type RS-CC, Coding Rate Type 2/3, PAR = 9.8 dB @ 0.01% Probability on CCDF.


Numéro de pièce similaire - CGH27030

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CGH27030 CREE-CGH27030 Datasheet
1Mb / 12P
30 W, 28V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
CGH27030F CREE-CGH27030F Datasheet
791Kb / 8P
30 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
Rev 1.0
CGH27030F CREE-CGH27030F Datasheet
1Mb / 12P
30 W, 28V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
CGH27030F-AMP CREE-CGH27030F-AMP Datasheet
1Mb / 12P
30 W, 28V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
Rev 4.0
CGH27030F-AMP CREE-CGH27030F-AMP Datasheet
1Mb / 12P
30 W, 28V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
More results

Description similaire - CGH27030

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CGH27015 CREE-CGH27015 Datasheet
1Mb / 12P
15 W, 28V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
Rev 4.0
CGH27030F CREE-CGH27030F_15 Datasheet
1Mb / 12P
30 W, 28V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
Rev 4.0
CGH27030S CREE-CGH27030S Datasheet
1Mb / 16P
30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Rev 2.1
CGH27060F CREE-CGH27060F_15 Datasheet
1Mb / 12P
60 W Peak, 28V, GaN HEMT for Linear Communications from VHF to 3 GHz
Rev 5.0
CGH27030 CREE-CGH27030 Datasheet
1Mb / 12P
30 W, 28V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
CMPA0530002S CREE-CMPA0530002S Datasheet
1Mb / 20P
2 W, 0.5 - 3.0 GHz, 28 V, GaN HEMT
logo
WOLFSPEED, INC.
CGH27015 WOLFSPEED-CGH27015 Datasheet
3Mb / 12P
15 W, 28 V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
Rev. 4.2, 2022-11-3
CGH27030S WOLFSPEED-CGH27030S Datasheet
2Mb / 15P
30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Rev. 4.6, 2022-11-3
CGH27060F WOLFSPEED-CGH27060F Datasheet
4Mb / 12P
60 W Peak, 28 V, GaN HEMT for Linear Communications from VHF to 3 GHz
Rev. 5.2, 2022-11-11
CGH35060F2 WOLFSPEED-CGH35060F2 Datasheet
1Mb / 11P
60 W, 3.1 - 3.5 GHz, 28 V, GaN HEMT
Rev. 4.4, 2022-10-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com