Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CPM3-1700-R020E Fiches technique(PDF) 7 Page - WOLFSPEED, INC.

No de pièce CPM3-1700-R020E
Description  Silicon Carbide Power MOSFET C3M TM MOSFET Technology N-Channel Enhancement Mode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WOLFSPEED [WOLFSPEED, INC.]
Site Internet  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CPM3-1700-R020E Fiches technique(HTML) 7 Page - WOLFSPEED, INC.

  CPM3-1700-R020E Datasheet HTML 1Page - WOLFSPEED, INC. CPM3-1700-R020E Datasheet HTML 2Page - WOLFSPEED, INC. CPM3-1700-R020E Datasheet HTML 3Page - WOLFSPEED, INC. CPM3-1700-R020E Datasheet HTML 4Page - WOLFSPEED, INC. CPM3-1700-R020E Datasheet HTML 5Page - WOLFSPEED, INC. CPM3-1700-R020E Datasheet HTML 6Page - WOLFSPEED, INC. CPM3-1700-R020E Datasheet HTML 7Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
77
CPM3-1700-R020E Rev. 1 , 09-2021
Copyright © 2015 - 2021 Cree, Inc. All rights reserved.
The information in this document is subject to change without notice.
Cree, the Cree logo, and Zero Recovery are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5451
www.wolfspeed.com/power
•
RoHS Compliance
The levels of RoHS restricted materials in this product are below the maximum concentration values (also referred to as the
threshold limits) permitted for such substances, or are used in an exempted application, in accordance with EU Directive
2011/65/EC (RoHS2), as implemented January 2, 2013. RoHS Declarations for this product can be obtained from your Cree repre-
sentative or from the Product Documentation sections of www.cree.com.
•
REACh Compliance
REACh substances of high concern (SVHCs) information is available for this product. Since the European Chemical Agency
(ECHA) has published notice of their intent to frequently revise the SVHC listing for the foreseeable future,please contact a Cree
representative to insure you get the most up-to-date REACh SVHC Declaration. REACh banned substance information (REACh
Article 67) is also available upon request.
•
This product has not been designed or tested for use in, and is not intended for use in, applications implanted into the human
body nor in applications in which failure of the product could lead to death, personal injury or property damage, including but not
limited to equipment used in the operation of nuclear facilities, life-support machines, cardiac defibrillators or similar emergency
medical equipment, aircraft navigation or communication or control systems, air traffic control systems.
Notes
Related Links
•
SiC MOSFET Isolated Gate Driver reference design: www.wolfspeed.com/power/Tools-and-Support
•
Application Considerations for Silicon-Carbide MOSFETs: www.wolfspeed.com/power/Tools-and-Support



Html Pages

1 2 3 4 5 6 7