| Moteur de recherche de fiches techniques de composants électroniques |
|
CS3014-FSZ Fiches technique(PDF) 1 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS3014-FSZ Fiches technique(HTML) 1 Page - Cirrus Logic |
|
1 / 8 page ![]() Preliminary Product Information This document contains information for a new product. Cirrus Logic reserves the right to modify this product without notice. Copyright © Cirrus Logic, Inc. 2006 (All Rights Reserved) Cirrus Logic, Inc. http://www.cirrus.com 7/13/06 CS3014 Dual Low-power / Low-voltage Precision Amplifier Features & Description Low Offset: –10 µV Typ. Low Drift: –0.05 µV/°C Max. Low Noise: – 22 nV/ √Hz Open-loop Voltage Gain: – 135 dB Typ. Rail-to-Rail Inputs Rail-to-Rail Output Swing – to within 20 mV of supply voltage 1.0 mA Supply Current Slew rate: –0.25 V/ µs Applications Thermocouple/Thermopile Amplifiers Load Cell and Bridge Transducer Amplifiers Precision Instrumentation Battery-powered Systems Description The CS3004 dual amplifier is designed for precision am- plification of low-level signals. These amplifiers achieve excellent offset stability, high open loop gain, and low noise. The devices also exhibit excellent CMRR and PSRR. The common mode input range includes the sup- ply rails. The amplifiers operate with any supply voltage from 2.7 V to 5 V (±1.35 V to ±2.50 V). Pin Configurations CS3014 Exposed Thermal Die Pad V+ OUT B -IN B +IN B OUT A -IN A +IN A V- 8 7 6 5 1 2 3 4 – + A – + B Out A -In A +In A V- V+ Out B -In B +In B 1 2 3 4 8 7 6 5 A B - - + + 8-Lead SOIC QFN-8 (Top View) Noise vs. Frequency (Measured) 0.01 Hz to 10 Hz Noise Performance 1 10 100 1000 0.01 0.1 1 10 Frequency (Hz) -300 -200 -100 0 100 200 300 012 34 567 89 10 Time (sec) JUL ‘06 DS711PP2 |
Numéro de pièce similaire - CS3014-FSZ |
|
Description similaire - CS3014-FSZ |