Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDB42406 Fiches technique(PDF) 9 Page - Cirrus Logic

No de pièce CDB42406
Description  Evaluation Board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB42406 Fiches technique(HTML) 9 Page - Cirrus Logic

Back Button CDB42406 Datasheet HTML 5Page - Cirrus Logic CDB42406 Datasheet HTML 6Page - Cirrus Logic CDB42406 Datasheet HTML 7Page - Cirrus Logic CDB42406 Datasheet HTML 8Page - Cirrus Logic CDB42406 Datasheet HTML 9Page - Cirrus Logic CDB42406 Datasheet HTML 10Page - Cirrus Logic CDB42406 Datasheet HTML 11Page - Cirrus Logic CDB42406 Datasheet HTML 12Page - Cirrus Logic CDB42406 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
CDB42406
9
1.7.2b
Setup 4
Using the on-board crystal oscillator, AUDIO MCLK, a DSP connected to DSP I/O HDR
masters the subclocks for the ADC/DAC. For implementation of this setup option, set DIP
switch S4 (SW[3:0]) to ‘0100’b.
1.7.2c
Setup 5
Using the master clock from an external DSP connected to the DSP I/O HDR,
DSP_MCLK, the CS42406 ADC masters the subclocks and data for the DAC. For imple-
mentation of this setup option, set DIP switch S4 (SW[3:0]) to ‘0101’b.
AUDIO
MCLK
MCLK
DAC_LRCK/
DAC_SC LK
A DC_LRCK/
A DC_SCLK
DAC_SD IN x
ADC_SDO UT
CS42406
DSP I/O
HDR
DS P_M CLK
DSP_A DC_LR CK/
DSP_ADC _S CLK
D SP_SDO UT
DSP_DA C_LR CK/
DSP_DAC _S CLK
DSP_SDINx
CS8406
CS8416
RMC K
OM CK
O LRCK/
OSCLK
SDO UT
OM CK
ILR CK/
IS CLK
SDIN
Figure 5. Digital Loopback - Setup 4
AU DIO
MCLK
MC LK
DAC_LRCK/
DAC_SC LK
ADC_L RCK/
ADC_SC LK
DAC_SD INx
AD C_ SDO U T
CS42406
DSP I/O
HD R
DSP_ MC LK
DSP_ ADC_L RCK/
DSP_ ADC_SC LK
D SP_SDO U T
DSP_ DAC_L RCK/
DSP_ DAC_SC LK
D SP_SD IN x
CS8406
C S8416
RM CK
OMC K
OL RC K/
OSC LK
SDO U T
OM CK
IL RC K/
ISC LK
SD IN
Figure 6. Digital Loopback - Setup 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32