| Moteur de recherche de fiches techniques de composants électroniques |
|
CDB5378 Fiches technique(PDF) 49 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CDB5378 Fiches technique(HTML) 49 Page - Cirrus Logic |
|
49 / 72 page ![]() CDB5378 DS639DB3 49 3.5 Control Panel The Control panel is used to write and read register settings and to send commands to the digital filter. It consists of the following sub-panels and controls. • DF Registers • DF Commands • SPI1 • Macros •GPIO • Customize • External Macros |