Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDB5366 Fiches technique(PDF) 6 Page - Cirrus Logic

No de pièce CDB5366
Description  Evaluation Board for CS5366
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5366 Fiches technique(HTML) 6 Page - Cirrus Logic

Back Button CDB5366 Datasheet HTML 2Page - Cirrus Logic CDB5366 Datasheet HTML 3Page - Cirrus Logic CDB5366 Datasheet HTML 4Page - Cirrus Logic CDB5366 Datasheet HTML 5Page - Cirrus Logic CDB5366 Datasheet HTML 6Page - Cirrus Logic CDB5366 Datasheet HTML 7Page - Cirrus Logic CDB5366 Datasheet HTML 8Page - Cirrus Logic CDB5366 Datasheet HTML 9Page - Cirrus Logic CDB5366 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
DS626DB1
CDB5366
3.3
FlexGUI Hi-Level View
The Cirrus Logic FlexGUI defaults to the Hi-Level View as shown in Figure 1. This view provides functionally
grouped control over the CS5366, reducing the need to memorize the exact location of bit settings. Any reg-
ister may be modified at any time; however, the effect of changes made to the CS5366 is gated off until the
Control Port Bit is enabled.
When switching to TDM mode, the CS8406 Clock and Date source (Board Control Panel) must be changed
prior to changing the CS5366 SAI format. This sequential ordering resets the FPGA to assure that it timed
properly with the CS5366 TDM packet stream.
Figure 1. Hi-Level FlexGUI View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24