| Moteur de recherche de fiches techniques de composants électroniques |
|
CDB4265 Fiches technique(PDF) 13 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CDB4265 Fiches technique(HTML) 13 Page - Cirrus Logic |
|
13 / 30 page ![]() CDB4265 DS657DB1 13 5.3 SUBCLOCK SOURCE CONTROL - ADDRESS 03H 5.3.1 SUBCLOCK SOURCE (BITS 1:0) Default = 01 Function: This bit selects the source of the CS4265 SCLK and LRCK signals. Table 2 shows the available set- tings. 7 654 32 10 Reserved Reserved Reserved Reserved Reserved Reserved SUBCLK1 SUBCLK0 Table 2. CS4265 Subclock Source SUBCLK1 SUBCLK0 CS4265 Subclock Source 0 0 - CS4265 is Master - PCM Header Subclocks are Output from CS4265 01 Reserved 1 0 - CS4265 is Slave to PCM Header - PCM Header Subclocks are an Input 1 1 - CS4265 is Slave to CS8416 subclocks - PCM Header Subclocks are Output from CS8416 Subclocks |