| Moteur de recherche de fiches techniques de composants électroniques |
|
TC236PA Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TC236PA Fiches technique(HTML) 4 Page - Texas Instruments |
|
4 / 15 page ![]() TC236 680- × 500-PIXEL CCD IMAGE SENSOR SOCS043A – JUNE 1994 – REVISED NOVEMBER 1994 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 3.8 µm 3.6 µm 7.4 µm 1.6 µm 1.6 µm Channel Stops Including Metal Bus Lines Clocked Barrier Clocked Well Virtual Barrier Antiblooming Device Virtual Well Clocked Gate Figure 1. Image-Area Pixel Structure 3.5 µm 3.5 µm 7.4 µm 1.6 µm Clocked Barrier Clocked Well Virtual Barrier Virtual Well Clocked Gate 1.6 µm Channel Stops Including Metal Bus Lines Figure 2. Storage-Area Pixel Structure |