Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KCUSB3 Fiches technique(PDF) 7 Page - List of Unclassifed Manufacturers

No de pièce KCUSB3
Description  USB Controller - Quick Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

KCUSB3 Fiches technique(HTML) 7 Page - List of Unclassifed Manufacturers

  KCUSB3 Datasheet HTML 1Page - List of Unclassifed Manufacturers KCUSB3 Datasheet HTML 2Page - List of Unclassifed Manufacturers KCUSB3 Datasheet HTML 3Page - List of Unclassifed Manufacturers KCUSB3 Datasheet HTML 4Page - List of Unclassifed Manufacturers KCUSB3 Datasheet HTML 5Page - List of Unclassifed Manufacturers KCUSB3 Datasheet HTML 6Page - List of Unclassifed Manufacturers KCUSB3 Datasheet HTML 7Page - List of Unclassifed Manufacturers KCUSB3 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Kawasaki LSI
• 2570 North First Street • Suite 301 • San Jose, CA 95131 • Tel: (408) 570-0555 • Fax: (408) 570-0567 • www.klsi.com
K
KCUSB3
USB Controller – Quick Interface
KAWASAKI
LSI
7
Ver. 1.3
Serial EEPROM Support
The USB Controller serial interface is used to provide access to external EEPROM’s.
The
interface is implemented using General Purpose I/O signals and can support a variety of serial
EEPROM formats.
Custom Logic Interface
The internal 16 bit data and address bus is connected to the Custom Logic block allowing custom
logic to interface to the processor and to access a selection of GPIO pins.
Development Tools
To assist in the development of USB products, an evaluation board is available as well as a set of
software tools and debuggers.
Compilers and debuggers are available through third party
suppliers.



Html Pages

1 2 3 4 5 6 7 8