Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC44BS374T1D-R2 Fiches technique(PDF) 23 Page - Freescale Semiconductor, Inc

No de pièce MC44BS374T1D-R2
Description  PLL Tuned UHF and VHF Audio/Video High Integration Modulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS374T1D-R2 Fiches technique(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MC44BS374T1D-R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
Modes of Operation
MC44BS374T1/374T1A Advance Information
16.8 Video Section - Peak White Clip
The MC44BS374T1/374T1A requires the following for proper video functionality:
•
A composite video input with negative going sync pulses
•
A nominal level of 1Vpp
This signal is AC-coupled to the video input where the sync tip level is clamped.
The video signal is then passed to a Peak White Clip (PWC) circuit. The PWC circuit function soft-clips
the top of the video waveform, if the sync tip amplitude to peak white clip goes too high. This avoids
carrier over-modulation by the video. Clipping can be disabled by software.
16.9 Test Pattern Generator
The I2C generates a simple test pattern, which can be switched under bus control to permit a TV receiver to
easily tune to the modulator output. The pattern consists of two white vertical bars on a black background
and a 976 Hz audio test signal.
Figure 8. Test Pattern Generator
10
20
30
40
50
60
0
64
TE1
24 28
44
TIME IN µS.
7/10
3/10
TE2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34