Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

33982 Fiches technique(PDF) 30 Page - NXP Semiconductors

No de pièce 33982
Description  Single intelligent high-current selfprotected high-side switch (2.0 mOhm)
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

33982 Fiches technique(HTML) 30 Page - NXP Semiconductors

Back Button 33982 Datasheet HTML 26Page - NXP Semiconductors 33982 Datasheet HTML 27Page - NXP Semiconductors 33982 Datasheet HTML 28Page - NXP Semiconductors 33982 Datasheet HTML 29Page - NXP Semiconductors 33982 Datasheet HTML 30Page - NXP Semiconductors 33982 Datasheet HTML 31Page - NXP Semiconductors 33982 Datasheet HTML 32Page - NXP Semiconductors 33982 Datasheet HTML 33Page - NXP Semiconductors 33982 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
30
NXP Semiconductors
33982
PACKAGING
Packaging
Soldering information
SOLDERING INFORMATION
The 33982 is packaged in a surface mount power package (PQFN), intended to be soldered directly on the printed circuit board.
The AN2467 provides guidelines for Printed Circuit Board design and assembly.
Package dimensions
For the most current revision of the package, visit www.nxp.com and perform a keyword search on 98ARL10596D and 98ASA00815D.
Dimensions shown are provided for reference ONLY.
Table 19.
Suffix
Package outline drawing number
CHFK
98ARL10521D
EHFK
98ASA00815D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47