Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMD3702VC Fiches technique(PDF) 46 Page - ams AG

No de pièce TMD3702VC
Description  Narrow ALS, Color and Proximity Sensor Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

TMD3702VC Fiches technique(HTML) 46 Page - ams AG

Back Button TMD3702VC Datasheet HTML 42Page - ams AG TMD3702VC Datasheet HTML 43Page - ams AG TMD3702VC Datasheet HTML 44Page - ams AG TMD3702VC Datasheet HTML 45Page - ams AG TMD3702VC Datasheet HTML 46Page - ams AG TMD3702VC Datasheet HTML 47Page - ams AG TMD3702VC Datasheet HTML 48Page - ams AG TMD3702VC Datasheet HTML 49Page - ams AG TMD3702VC Datasheet HTML 50Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
Datasheet, Public
Page 45
[v2-00] 2023-Mar-14
Document Feedback
TMD3702VC − Tape & Reel Information
Figure 70:
Tape & Reel Information
Note(s):
1. All linear dimensions are in millimeters. Dimension tolerance is ±0.10mm unless otherwise noted.
2. The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly.
3. Symbols on drawing Ao, Bo, and Ko are defined in ANSI EIA Standard 481-B 2001.
4. Each reel is 330mm in diameter and contains 10000 parts.
5. ams OSRAM packaging tape and reel conform to the requirements of EIA Standard 481-B.
6. In accordance with EIA standard device pin 1 is located next to the sprocket holes in the tape.
7. This drawing is subject to change without notice.
Tape & Reel Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57