| Moteur de recherche de fiches techniques de composants électroniques |
|
ADA4841-2YRZ-R7 Fiches technique(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4841-2YRZ-R7 Fiches technique(HTML) 4 Page - Analog Devices |
|
4 / 20 page ![]() ADA4841-1/ADA4841-2 Rev. C | Page 4 of 20 TA = 25°C, VS = 5 V, RL = 1 kΩ, Gain = +1, VCM = 2.5 V, unless otherwise noted. Table 2. Parameter Conditions Min Typ Max Unit DYNAMIC PERFORMANCE −3 dB Bandwidth VO = 0.02 V p-p 54 80 MHz VO = 2 V p-p 3 MHz Slew Rate G = +1, VO = 4 V step, RL = 1 kΩ 10 12 V/μs Settling Time to 0.1% G = +1, VO = 2 V step 175 ns Settling Time to 0.01% G = +1, VO = 2 V step 550 ns NOISE/HARMONIC PERFORMANCE Harmonic Distortion HD2/HD3 fC = 100 kHz, VO = 2 V p-p −109/−105 dBc fC = 1 MHz, VO = 2 V p-p −78/−66 dBc Input Voltage Noise f = 100 kHz 2.1 nV/√Hz Input Current Noise f = 100 kHz 1.4 pA/√Hz Crosstalk f = 100 kHz −117 dB DC PERFORMANCE Input Offset Voltage 40 300 μV Input Offset Voltage Drift 1 μV/°C Input Bias Current 3 5.3 μA Input Offset Current 0.1 0.4 μA Open-Loop Gain VO = 0.5 V to 4.5 V 103 124 dB INPUT CHARACTERISTICS Input Resistance, Common Mode 90 MΩ Input Resistance, Differential Mode 25 kΩ Input Capacitance, Common Mode 1 pF Input Capacitance, Differential Mode 3 pF Input Common-Mode Voltage Range −0.1 +4 V Common-Mode Rejection Ratio (CMRR) VCM = Δ 1.5 V 88 115 dB MATCHING CHARACTERISTICS (ADA4841-2) Input Offset Voltage 70 μV Input Bias Current 70 nA POWER DOWN PIN (ADA4841-1) POWER DOWN Voltage Enabled >3.6 POWER DOWN Voltage Power down <3.2 V Input Current Enable POWER DOWN = 5 V 1 2 μA Power Down POWER DOWN = 0 V −13 −30 μA Switching Speed Enable 1 μs Power Down 40 μs OUTPUT CHARACTERISTICS Output Voltage Swing G > +1 0.08 to 4.92 0.029 to 4.974 V Output Current Limit Sourcing, VIN = +VS, RL = 50 Ω to VCM 30 mA Sinking, VIN = −VS, RL = 50 Ω to VCM 60 mA Capacitive Load Drive 30% overshoot 15 pF POWER SUPPLY Operating Range 2.7 12 V Quiescent Current/Amplifier POWER DOWN = 5 V 1.1 1.4 mA POWER DOWN = 0 V 35 70 μA Positive Power Supply Rejection Ratio +VS = +5 V to +6 V, −VS = 0 V 95 110 dB Negative Power Supply Rejection Ratio +VS = +5 V, −VS = 0 V to −1 V 96 120 dB |