Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADA4417-3ARMZ-R7 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce ADA4417-3ARMZ-R7
Description  Integrated Triple Video Filter for High Definition Video
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADA4417-3ARMZ-R7 Fiches technique(HTML) 6 Page - Analog Devices

Back Button ADA4417-3ARMZ-R7 Datasheet HTML 2Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADA4417-3
Rev. 0 | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
Y/G IN
10
Y/G OUT
2
DISABLE
9
VCC
3
Pb/B IN
8
Pb/B OUT
4
DCO
7
GND
5
Pr/R IN
6
Pr/R OUT
TOP VIEW
(Not to Scale)
ADA4417-3
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
Y/G IN
Y/G HD Video Input
2
DISABLE
Disable/Power Down (Active Low)
3
Pb/B IN
Pb/B HD Video Input
4
DCO
Output DC Offset Enable
5
Pr/R IN
Pr/R HD Video Input
6
Pr/R OUT
Pr/R HD Video Output
7
GND
Ground
8
Pb/B OUT
Pb/B HD Video Output
9
VCC
Power Supply
10
Y/G OUT
Y/G HD Video Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16