Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9981/PCB Fiches technique(PDF) 44 Page - Analog Devices

No de pièce AD9981/PCB
Description  High Performance 10-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9981/PCB Fiches technique(HTML) 44 Page - Analog Devices

Back Button AD9981/PCB Datasheet HTML 36Page - Analog Devices AD9981/PCB Datasheet HTML 37Page - Analog Devices AD9981/PCB Datasheet HTML 38Page - Analog Devices AD9981/PCB Datasheet HTML 39Page - Analog Devices AD9981/PCB Datasheet HTML 40Page - Analog Devices AD9981/PCB Datasheet HTML 41Page - Analog Devices AD9981/PCB Datasheet HTML 42Page - Analog Devices AD9981/PCB Datasheet HTML 43Page - Analog Devices AD9981/PCB Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 44 page
background image
AD9981
Rev. 0 | Page 44 of 44
OUTLINE DIMENSIONS
1.45
1.40
1.35
0.15
0.05
61
60
1
80
20
41
21
40
TOP VIEW
(PINS DOWN)
PIN 1
SEATING
PLANE
VIEW A
1.60
MAX
0.75
0.60
0.45
0.20
0.09
0.10 MAX
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
10°
3.5°
14.00
BSC SQ
16.00
BSC SQ
0.65
BSC
0.38
0.32
0.22
COMPLIANT TO JEDEC STANDARDS MS-026-BEC
Figure 19. 80-Lead Low Profile Quad Flat Pack [LQFP]
(ST-80-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9981KSTZ-801
0°C to +70°C
80-lead LQFP
ST-80-2
AD9981KSTZ-951
0°C to +70°C
80-lead LQFP
ST-80-2
AD9981/PCB
Evaluation Kit
1 Z = Pb-free part.
Purchase of licensed I2C components of Analog Devices or one of its sublicensed Associated Companies conveys a license for the purchaser under the Philips I2C Patent
Rights to use these components in an I2C system, provided that the system conforms to the I2C Standard Specification as defined by Philips.
© 2005 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D04739–0–1/05 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44