Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C3D08060A Fiches technique(PDF) 6 Page - WOLFSPEED, INC.

No de pièce C3D08060A
Description  C3D08060A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WOLFSPEED [WOLFSPEED, INC.]
Site Internet  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

C3D08060A Fiches technique(HTML) 6 Page - WOLFSPEED, INC.

  C3D08060A Datasheet HTML 1Page - WOLFSPEED, INC. C3D08060A Datasheet HTML 2Page - WOLFSPEED, INC. C3D08060A Datasheet HTML 3Page - WOLFSPEED, INC. C3D08060A Datasheet HTML 4Page - WOLFSPEED, INC. C3D08060A Datasheet HTML 5Page - WOLFSPEED, INC. C3D08060A Datasheet HTML 6Page - WOLFSPEED, INC. C3D08060A Datasheet HTML 7Page - WOLFSPEED, INC. C3D08060A Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300 | wolfspeed.com/power
Rev. 9, January 2023
C3D08060A
Recommended Solder Pad Layout
Primary dimensions shown in mm.
Learn more about recommended soldering profiles in this application note.
Product Ordering Information
Order Number
Order Number
Packing Type
Packing Type
C3D08060A
Tube
Learn more about power device packing & shipment information in this application note.



Html Pages

1 2 3 4 5 6 7 8