Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9927 Fiches technique(PDF) 39 Page - Analog Devices

No de pièce AD9927
Description  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9927 Fiches technique(HTML) 39 Page - Analog Devices

Back Button AD9927 Datasheet HTML 35Page - Analog Devices AD9927 Datasheet HTML 36Page - Analog Devices AD9927 Datasheet HTML 37Page - Analog Devices AD9927 Datasheet HTML 38Page - Analog Devices AD9927 Datasheet HTML 39Page - Analog Devices AD9927 Datasheet HTML 40Page - Analog Devices AD9927 Datasheet HTML 41Page - Analog Devices AD9927 Datasheet HTML 42Page - Analog Devices AD9927 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 100 page
background image
AD9927
Rev. 0 | Page 39 of 100
Hold Area Using FREEZE/RESUME Registers
The FREEZE/RESUME registers can also be used to create a
hold area in which the V-outputs are temporarily held and later
continued, starting at the point where they were held. As shown
in Figure 46, this is different than the VMASK_EN register because
the V-outputs continue from where they stopped rather than
continuing from where they would have been. The hold area
temporarily stops the pixel counter for the V-outputs, while the
V-masking allows the counter to continue in the masking area.
XV1
XV8
HD
NOTES
1. WHEN HOLD = 1 FOR ANY V-SEQUENCE GROUP, THE FREEZE AND RESUME REGISTERS ARE USED TO SPECIFY THE HOLD AREA.
2. ABOVE EXAMPLE: XV1 TO XV10 ARE ASSIGNED TO GROUP A. HOLD BIT FOR GROUP A = 1.
3. H-COUNTER FOR GROUP A (XV1 TO XV10) STOPS DURING HOLD AREA.
XV9
HOLD AREA
FOR GROUP A
XV10
FREEZE
RESUME
Figure 46. Hold Area for Group A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100