| Moteur de recherche de fiches techniques de composants électroniques |
|
AMS6915 Fiches technique(PDF) 13 Page - WOLFSPEED, INC. |
|
|
|||||||||||||||||||||||||||||
AMS6915 Fiches technique(HTML) 13 Page - WOLFSPEED, INC. |
|
13 / 13 page ![]() Board Mount Pressure Sensor AMS 6915 SERIES © 2022, Analog Microelectronics GmbH www.analog-micro.com Datasheet AMS 6915 – Rev. 2.0 13/13 ADDITIONAL EQUIPMENT Ordering code Description USB starter kit AMS 6915 A USB starter kit interfacing AMS 6915 to a Windows PC (Windows XP, 7 or 10) via a USB port. It consists of two PCBs and software. The kit can be used for quick and easy evaluation of AMS 6915, data readout, data logging and to change AMS 6915 ’s I2C address. For more information on additional equipment see AMS 6915's product page Analog Microelectronics GmbH Phone: +49 (0) 6131/91 073-0 An der Fahrt 13 Fax: +49 (0) 6131/91 073-30 55124 Mainz Internet: www.analog-micro.com Germany E-Mail: info@analogmicro.de Analog Microelectronics GmbH reserves the right to amend any dimensions, technical data or other information contained herein without prior notification. |