Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMS5105 Fiches technique(PDF) 2 Page - WOLFSPEED, INC.

No de pièce AMS5105
Description  Pressure sensor with one analog and two switching outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WOLFSPEED [WOLFSPEED, INC.]
Site Internet  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AMS5105 Fiches technique(HTML) 2 Page - WOLFSPEED, INC.

  AMS5105 Datasheet HTML 1Page - WOLFSPEED, INC. AMS5105 Datasheet HTML 2Page - WOLFSPEED, INC. AMS5105 Datasheet HTML 3Page - WOLFSPEED, INC. AMS5105 Datasheet HTML 4Page - WOLFSPEED, INC. AMS5105 Datasheet HTML 5Page - WOLFSPEED, INC. AMS5105 Datasheet HTML 6Page - WOLFSPEED, INC. AMS5105 Datasheet HTML 7Page - WOLFSPEED, INC. AMS5105 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AMS 5105
Pressure sensor with one analog and two switching outputs
May 2012 - Rev. 2.0
Page 2/8
www.analogmicro.de
PRESSURE RANGES
Sensor type (code)
Pressure type
Pressure
range
in mbar
Burst
pressure
1)
in bar
Pressure
range
in PSI
Burst
pressure
1)
in PSI
Ultra low pressure
AMS 5105-0005-D
AMS 5105-0010-D
AMS 5105-0005-D-B
AMS 5105-0010-D-B
differential / relative
differential / relative
bidirectional differential
bidirectional differential
0 … 5
0 … 10
-5 / +5
-10 / +10
>0.35
>0.35
>0.35
>0.35
0 … 0.0725
0 … 0.145
-0.0725 / 0.0725
-0.145 / +0.145
>5
>5
>5
>5
Low pressure
AMS 5105-0020-D
AMS 5105-0050-D
AMS 5105-0100-D
AMS 5105-0020-D-B
AMS 5105-0050-D-B
AMS 5105-0100-D-B
differential / relative
differential / relative
differential / relative
bidirectional differential
bidirectional differential
bidirectional differential
0 … 20
0 … 50
0 … 100
-20 / +20
-50 / +50
-100 / +100
>0.5
>1
>1
>0.5
>1
>1
0 … 0.290
0 … 0.725
0 … 1.450
-0.290 / +0.290
-0.725 / +0.725
-1.450 / +1.450
>7.5
>15
>15
>7.5
>15
>15
Standard pressure
AMS 5105-0200-D
AMS 5105-0350-D
AMS 5105-1000-D
AMS 5105-2000-D
AMS 5105-4000-D
AMS 5105-7000-D
AMS 5105-0200-D-B
AMS 5105-0350-D-B
AMS 5105-1000-D-B
AMS 5105-1000-A
AMS 5105-2000-A
AMS 5105-1200-B
differential / relative
differential / relative
differential / relative
differential / relative
differential / relative
differential / relative
bidirectional differential
bidirectional differential
bidirectional differential
absolute
absolute
barometric
0 … 200
0 … 350
0 … 1000
0 … 2000
0 … 4000
0 … 7000
-200 / +200
-350 / +350
-1000/ +1000
0 … 1000
0 … 2000
750 … 1200
5
5
5
15.5
15.5
15.5
5
5
5
5
5
5
0 … 2.901
0 … 5.076
0 … 14.50
0 … 29.01
0 … 58.02
0 … 101.5
-2.901 / +2.901
-5.076 / +5.076
-14.50 / +14.50
0 … 14.5
0 … 29.01
10.88 … 17.4
72
72
72
225
225
225
72
72
72
72
72
72
Table 1: AMS 5105 standard pressure ranges (other ranges on request)
Notes:
1)
Burst pressure is defined as the maximum pressure which may be applied to one pressure port relative to the
other port (or while only one pressure port is connected) without causing leaks in the sensor.



Html Pages

1 2 3 4 5 6 7 8