Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMS4712 Fiches technique(PDF) 2 Page - WOLFSPEED, INC.

No de pièce AMS4712
Description  Miniaturized pressure transmitter with 4 .. 20 mA output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WOLFSPEED [WOLFSPEED, INC.]
Site Internet  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AMS4712 Fiches technique(HTML) 2 Page - WOLFSPEED, INC.

  AMS4712 Datasheet HTML 1Page - WOLFSPEED, INC. AMS4712 Datasheet HTML 2Page - WOLFSPEED, INC. AMS4712 Datasheet HTML 3Page - WOLFSPEED, INC. AMS4712 Datasheet HTML 4Page - WOLFSPEED, INC. AMS4712 Datasheet HTML 5Page - WOLFSPEED, INC. AMS4712 Datasheet HTML 6Page - WOLFSPEED, INC. AMS4712 Datasheet HTML 7Page - WOLFSPEED, INC. AMS4712 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AMS 4712
Miniaturized pressure transmitter with 4 .. 20 mA output
March 2015 - Rev. 4.0
Page 2/8
www.analogmicro.de
PRESSURE RANGES
Pressure transmitter
type (code)
Pressure type
Pressure
range
in mbar
Burst
pressure
1)
in bar
Pressure
range
in PSI
Burst
pressure
1)
in PSI
Ultra low pressure
AMS 4712-0005-D
differential / relative
0 .. +5
>0.35
0 .. 0.073
>5
AMS 4712-0010-D
differential / relative
0 .. 10
>0.35
0 .. 0.145
>5
AMS 4712-0005-D-B
bidirectional differential
-5 .. +5
>0.35
-0.073 .. +0.073
>5
AMS 4712-0010-D-B
bidirectional differential
-10 .. +10
>0.35
-0.145 .. +0.145
>5
Low pressure
AMS 4712-0020-D
differential / relative
0 .. 20
>0.5
0 .. 0.290
>7
AMS 4712-0050-D
differential / relative
0 .. 50
>1
0 .. 0.725
>15
AMS 4712-0100-D
differential / relative
0 .. 100
>1
0 .. 1.450
>15
AMS 4712-0020-D-B
bidirectional differential
-20 .. +20
>0.5
-0.290 .. +0.290
>7
AMS 4712-0050-D-B
bidirectional differential
-50 .. +50
>1
-0.725 .. +0.725
>15
AMS 4712-0100-D-B
bidirectional differential
-100 .. +100
>1
-1.450 .. +1.450
>15
Standard pressure
AMS 4712-0200-D
differential / relative
0 .. 200
>5
0 .. 2.901
>72
AMS 4712-0350-D
differential / relative
0 .. 350
>5
0 .. 5.076
>72
AMS 4712-0500-D
differential / relative
0 .. 500
>5
0 .. 7.251
>72
AMS 4712-1000-D
differential / relative
0 .. 1000
>5
0 .. 14.50
>72
AMS 4712-2000-D
differential / relative
0 .. 2000
>5
0 .. 29.01
>72
AMS 4712-0200-D-B
bidirectional differential
-200 .. +200
>5
-2.901 .. +2.901
>72
AMS 4712-0350-D-B
bidirectional differential
-350 .. +350
>5
-5.076 .. +5.076
>72
AMS 4712-1000-D-B
bidirectional differential
-1000 .. +1000
>5
-14.50 .. +14.50
>72
AMS 4712-1000-A
absolute
0 .. 1000
>5
0 .. 14.50
>72
AMS 4712-2000-A
absolute
0 .. 2000
>5
0 .. 29.01
>72
AMS 4712-1200-B
barometric
700 .. 1200
>5
10.15 .. 17.40
>72
Table 1: AMS 4712 standard pressure ranges (other ranges on request)
Notes:
1)
Burst pressure is defined as the maximum pressure, which can be applied to one pressure port relative to the
other port (or while only one pressure port is connected) without causing damages / leaks.
MAXIMUM RATINGS
Parameter
Minimum
Typical
Maximum
Units
Absolute maximum supply voltage: Vmax
40
V
Operating and storage temperature: T
-25
85
°C
Common mode pressure: pCM
1)
5
bar
Table 2: Maximum ratings
Notes:
1) Common mode pressure is defined as the maximum pressure, which can be applied simultaneously on both pressure
ports of a differential or bidirectional transmitter without causing damages, while no differential pressure is applied.



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com