| Moteur de recherche de fiches techniques de composants électroniques |
|
AM462 Fiches technique(PDF) 2 Page - WOLFSPEED, INC. |
|
|
|||||||||||||||||||||||||||||
AM462 Fiches technique(HTML) 2 Page - WOLFSPEED, INC. |
|
2 / 20 page ![]() Industrial V/I Converter and Protector IC AM462 Analog Microelectronics GmbH An der Fahrt 13, D – 55124 Mainz Oktober 2007 – Rev.2.5 -Page 2/20 Phone: +49 (0)6131/91 073-0 Fax: +49 (0)6131/91 073-30 Internet: http://www.analogmicro.de Email: info@analogmicro.de CONTENTS CONTENTS 2 FEATURES 3 GENERAL DESCRIPTION 3 BLOCK DIAGRAM 3 ELECTRICAL SPECIFICATIONS 4 BOUNDARY CONDITIONS 6 DETAILED DESCRIPTION OF FUNCTIONS 6 INITIAL OPERATION OF AM462 8 General information on 2- and 3-wire applications and the use of current 8 Setting the output current range 8 Selecting the supply voltage 9 Using OP2 as a current source 10 Using OP2 as a voltage reference 11 POINTS TO NOTE: INITIAL OPERATION OF AM462 12 APPLICATIONS 12 Typical 3-wire application with an input signal referenced to ground 12 Typical 2-wire application with an input signal referenced to ground 13 Application for an input signal with an offset 15 BLOCK DIAGRAM AND PINOUT 17 EXAMPLE APPLICATIONS 18 DELIVERY 20 PACKAGE DIMENSIONS 20 FURTHER READING 20 |