| Moteur de recherche de fiches techniques de composants électroniques |
|
AM401 Fiches technique(PDF) 8 Page - WOLFSPEED, INC. |
|
|
|||||||||||||||||||||||||||||
AM401 Fiches technique(HTML) 8 Page - WOLFSPEED, INC. |
|
8 / 21 page ![]() INDUSTRIAL VOLTAGE AMPLIFIER IC AM401 analog microelectronics Mars 2006 Analog Microelectronics GmbH Phone: +49 (0)6131/91 073 – 0 8/21 An der Fahrt 13, D – 55124 Mainz Fax: +49 (0)6131/91 073 – 30 Rev. 2.3 Internet: http://www.analogmicro.de Email: info@analogmicro.de AM401’s transfer function In compliance with Figure 2 the transfer function for AM401 when used as an amplifier for differential signals with a voltage output is: () ZA IN IA OP OUT V V G G V + = (1) where: () 2 1 1 R R G G G G IA OP IA + = = (2) Setting the instrumentation amplifier The transfer function of the instrumentation amplifier is determined by: ZA IN IA OUTIA V V G V + = with an offset voltage of VZA which can be set at pin ZA. With the circuitry shown in Figure 2 and using the additional operational amplifier the offset voltage is determined thus: 1 2 3 4 14 13 5 6 11 15 12 V BG C 1 C 2 R 2 R 3 R A R IN R B R 4 V OFFSET R 1 CVREF CVSET IN+ IN_ GND ZA OUTIA INOP 7 8 GAIN VOUT VCC VREF VSET Ground V OUT Voltage Reference V CC V IN AM401 _ + OP2 + _ IA + _OP1 Figure 2: The general functions of AM401 |